Part Number Hot Search : 
NF03L SEL1513E FP1013A N4744 60PE31 PEMB1 SMCG51C 150L40AM
Product Description
Full Text Search
 

To Download MUR1640CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 mur1620ct/d mur1610ct, mur1615ct, mur1620ct, MUR1640CT, mur1660ct power rectifiers . . . designed for use in switching power supplies, inverters and as free wheeling diodes, these stateoftheart devices have the following features: ? ultrafast 35 and 60 nanosecond recovery times ? 175 c operating junction temperature ? popular to220 package ? epoxy meets ul94, v o @ 1/8 ? high temperature glass passivated junction ? high voltage capability to 600 volts ? low leakage specified @ 150 c case temperature ? current derating @ both case and ambient temperatures mechanical characteristics: ? case: epoxy, molded ? weight: 1.9 grams (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? shipped 50 units per plastic tube ? marking: u1610, u1615, u1620, u1640, u1660 maximum ratings device package shipping ordering information mur1610ct to220 http:/www.kersemi.com to220ab case 221a plastic 50 units/rail 3 4 1 ultrafast rectifiers 8.0 amperes 100600 volts 1 3 2, 4 2 marking diagram u16xx u16xx = device code xx = 10, 15, 20, 40 or 60 mur1615ct to220 50 units/rail mur1620ct to220 50 units/rail MUR1640CT to220 50 units/rail mur1660ct to220 50 units/rail
mur1610ct, mur1615ct, mur1620ct, MUR1640CT, mur1660ct http://www.kersemi.com 2 maximum ratings mur16 rating symbol 10ct 15ct 20ct 40ct 60ct unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 100 150 200 400 600 volts average rectified forward current per leg total device, (rated v r ), t c = 150 c total device i f(av) 8.0 16 amps peak rectified forward current per diode leg (rated v r , square wave, 20 khz), t c = 150 c i fm 16 amps nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 100 amps operating junction temperature and storage temperature t j , t stg  65 to +175 c thermal characteristics (per diode leg) maximum thermal resistance, junction to case r q jc 3.0 2.0 c/w electrical characteristics (per diode leg) maximum instantaneous forward voltage (note 1.) (i f = 8.0 amps, t c = 150 c) (i f = 8.0 amps, t c = 25 c) v f 0.895 0.975 1.00 1.30 1.20 1.50 volts maximum instantaneous reverse current (note 1.) (rated dc voltage, t c = 150 c) (rated dc voltage, t c = 25 c) i r 250 5.0 500 10 m a maximum reverse recovery time (i f = 1.0 amp, di/dt = 50 amps/ m s) (i f = 0.5 amp, i r = 1.0 amp, i rec = 0.25 amp) t rr 35 25 60 50 ns 1. pulse test: pulse width = 300 m s, duty cycle 2.0%
mur1610ct, mur1615ct, mur1620ct, MUR1640CT, mur1660ct http://www.kersemi.com 3 mur1610ct, mur1615ct, mur1620ct figure 1. typical forward voltage, per leg v f, instantaneous voltage (volts) 0.3 0.6 0.4 0.8 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 0.7 3.0 0.5 5.0 50 , instantaneous forward current (amps) f 0.9 v r , reverse voltage (volts) 060 40 100 120 400 800 0.08 0.04 0.02 8.0 4.0 2.0 200 40 20 80 t j = 175 c i r 20 80 200 figure 2. typical reverse current, per leg* t a , ambient temperature ( c) 020 2.0 4.0 i f(av) 0 6.0 8.0 10 12 14 40 60 80 100 120 140 160 180 200 t c , case temperature ( c) 140 155 150 0 2.0 1.0 3.0 5.0 4.0 10 7.0 6.0 i 145 180 figure 3. current derating, case, per leg figure 4. current derating, ambient, per leg 0 2.0 1.0 2.0 3.0 4.0 10 0 4.0 6.0 8.0 10 i f(av) , average forward current (amps) p f(av) figure 5. power dissipation, per leg 0.5 0.7 10 70 1.0 1.1 1.2 100 c t j = 175 c 25 c 160 180 140 0.8 0.4 0.2 , reverse current ( a)  100 c 25 c 160 175 170 165 9.0 8.0 * the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse current for lower voltage selections can be estimated from these same curves if v r is sufficiently below rated v r . , average power dissipation (watts) square wave dc , average forward current (amps) t j = 175 c dc square wave i 1.0 3.0 5.0 7.0 9.0 5.0 6.0 7.0 8.0 9.0 rated v r applied , average power dissipation (watts) f(av) square wave dc square wave dc 0.2 r  ja = 16 c/w r  ja = 60 c/w (no heatsink)
mur1610ct, mur1615ct, mur1620ct, MUR1640CT, mur1660ct http://www.kersemi.com 4 MUR1640CT figure 6. typical forward voltage, per leg v f, instantaneous voltage (volts) 0.8 0.4 1.2 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 1.0 3.0 0.5 5.0 50 , instantaneous forward current (amps) f 1.4 v r , reverse voltage (volts) 0 150 100 250 300 40 80 0.8 0.4 0.2 20 4.0 2.0 8.0 t j = 175 c i r 50 200 500 figure 7. typical reverse current, per leg* t a , ambient temperature ( c) 020 2.0 4.0 i f(av) 0 6.0 8.0 10 12 14 40 60 80 100 120 140 160 180 200 t c , case temperature ( c) 140 155 150 0 2.0 1.0 3.0 5.0 4.0 10 7.0 6.0 i 145 180 figure 8. current derating, case, per leg figure 9. current derating, ambient, per leg 0 2.0 1.0 2.0 3.0 4.0 10 0 4.0 6.0 8.0 10 i f(av) , average forward current (amps) p f(av) figure 10. power dissipation, per leg 0.6 0.7 10 70 1.6 100 c 25 c 400 450 350 0.08 0.04 0.02 , reverse current ( a)  100 c 25 c 160 175 170 165 9.0 8.0 * the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse current for lower voltage selections can be estimated from these curves if v r is sufficiently below rated v r . r  ja = 16 c/w r  ja = 60 c/w (no heat sink) , average power dissipation (watts) square wave dc , average forward current (amps) t j = 175 c dc square wave i 1.0 3.0 5.0 7.0 9.0 5.0 6.0 7.0 8.0 9.0 rated v r applied , average power dissipation (watts) f(av) square wave dc square wave dc 400 800 200 150 c t j = 175 c
mur1610ct, mur1615ct, mur1620ct, MUR1640CT, mur1660ct http://www.kersmei.com 5 mur1660ct figure 11. typical forward voltage, per leg v f, instantaneous voltage (volts) 1.0 0.6 1.2 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 3.0 0.5 5.0 50 , instantaneous forward current (amps) f 1.4 v r , reverse voltage (volts) 100 200 400 40 80 0.8 0.4 0.2 20 4.0 2.0 8.0 t j = 150 c i r 300 600 figure 12. typical reverse current, per leg* t a , ambient temperature ( c) 020 2.0 3.0 i f(av) 0 6.0 7.0 8.0 9.0 10 40 60 80 100 120 140 160 180 200 t c , case temperature ( c) 140 155 150 0 2.0 1.0 3.0 5.0 4.0 10 7.0 6.0 i 145 180 figure 13. current derating, case, per leg figure 14. current derating, ambient, per leg 0 2.0 1.0 2.0 3.0 4.0 14 0 4.0 6.0 8.0 10 i f(av) , average forward current (amps) p f(av) figure 15. power dissipation, per leg 0.8 0.7 10 70 1.6 1.8 100 c t j = 150 c 25 c 500 0.08 0.04 0.02 , reverse current ( a)  100 c 25 c 160 175 170 165 9.0 8.0 * the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse current for lower voltage selections can be estimated from these same curves if v r is sufficiently below rated v r . , average power dissipation (watts) square wave dc , average forward current (amps) t j = 175 c dc square wave i 1.0 3.0 5.0 7.0 9.0 5.0 6.0 7.0 8.0 9.0 rated v r applied , average power dissipation (watts) f(av) square wave dc square wave dc 0.4 r  ja = 16 c/w r  ja = 60 c/w (no heat sink) 10 11 12 13 1.0 4.0 5.0 400 800 200
mur1610ct, mur1615ct, mur1620ct, MUR1640CT, mur1660ct http://www.kersemii.com 6 0.01 0.02 0.05 0.1 0.2 0.5 1.0 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 1000 t, time (ms) figure 16. thermal response d = 0.5 0.05 single pulse p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 z q jc(t) = r(t) r q jc d curves apply for power pulse train shown read time at t 1 t j(pk) - t c = p (pk) z q jc(t) r(t), transient thermal resistance (normalized) 1000 10 30 100 300 1.0 10 100 v r , reverse voltage (volts) figure 17. typical capacitance, per leg c, capacitance (pf) t j = 25 c mur1620ct thru 1660ct mur1605ct thru 1615ct 0.1 0.01
mur1610ct, mur1615ct, mur1620ct, MUR1640CT, mur1660ct http://www.kersemi.com 7 package dimensions to220 threelead to220ab case 221a09 issue aa notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension z defines a zone where all body and lead irregularities are allowed. dim min max min max millimeters inches a 0.570 0.620 14.48 15.75 b 0.380 0.405 9.66 10.28 c 0.160 0.190 4.07 4.82 d 0.025 0.035 0.64 0.88 f 0.142 0.147 3.61 3.73 g 0.095 0.105 2.42 2.66 h 0.110 0.155 2.80 3.93 j 0.018 0.025 0.46 0.64 k 0.500 0.562 12.70 14.27 l 0.045 0.060 1.15 1.52 n 0.190 0.210 4.83 5.33 q 0.100 0.120 2.54 3.04 r 0.080 0.110 2.04 2.79 s 0.045 0.055 1.15 1.39 t 0.235 0.255 5.97 6.47 u 0.000 0.050 0.00 1.27 v 0.045 --- 1.15 --- z --- 0.080 --- 2.04 b q h z l v g n a k f 123 4 d seating plane t c s t u r j


▲Up To Search▲   

 
Price & Availability of MUR1640CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X